Part Number Hot Search : 
RM188R7 X1N2831 20100 RC1608J 70280 MAZY082 SED1521 RT314024
Product Description
Full Text Search
 

To Download LTC1289 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1289 3 Volt Single Chip 12-Bit Data Acquisition System
FEATURES
s s
DESCRIPTIO
s s
s
Single Supply 3.3V or 3.3V Operation Software Programmable Features Unipolar/Bipolar Conversions 4 Differential/8 Single-Ended Inputs Variable Data Word Length Power Shutdown Built-In Sample and Hold Direct 4-Wire Interface to Most MPU Serial Ports and all MPU Parallel Ports 25kHz Maximum Throughput Rate
KEY SPECIFICATIO S
s s s s
The LTC1289 is a 3V data acquisition component which contains a serial I/O successive approximation A/D converter. The device specifications are guaranteed at a supply voltage of 2.7V. It uses LTCMOSTM switched capacitor technology to perform a 12-bit unipolar, or 11-bit plus sign bipolar A/D conversion. The 8 channel input multiplexer can be configured for either single-ended or differential inputs (or combinations thereof). An on-chip sample and hold is included for all single-ended input channels. When the LTC1289 is idle it can be powered down in applications where low power consumption is desired. The serial I/O is designed to be compatible with industry standard full duplex serial interfaces. It allows either MSBor LSB- first data and automatically provides 2's complement output coding in the bipolar mode. The output data word can be programmed for a length of 8, 12 or 16 bits. This allows easy interface to shift registers and a variety of processors.
LTCMOS TM is a trademark of Linear Technology Corporation
Minimum Guaranteed Supply Voltage ............... 2.7V Resolution ...................................................... 12 Bits Fast Conversion Time .............. 26s Max Over Temp Low Supply Currents ...................................... 1.0mA
TYPICAL APPLICATI
+3V
Single Cell 3V 12-Bit Data Acquisition System
CH0 1N4148 CH1 CH2 CH3 10F -3V FOR OVERVOLTAGE PROTECTION ON ONLY ONE CHANNEL LIMIT THE INPUT CURRENT TO 15mA. FOR MORE THAN ONE CHANNEL LIMIT THE INPUT CURRENT TO 7mA PER CHANNEL AND 28mA FOR ALL CHANNELS. CONVERSION RESULTS ARE NOT VALID WHEN THE SELECTED OR ANY OTHER CHANNEL IS OVERVOLTAGED (VIN < V - or VIN > VCC).
VCC ACLK SCLK DIN TO AND FROM MPU
+
-
1/4 LTC1079
22F TANTALUM
10k BOOST V+ OSC LTC1044 LV
10
+
CH4 LTC1289 DOUT CH5 CS CH6 CH7 COM DGND REF+ REF - V- AGND
1N4148
+
22F
LT1004-1.2
0.1F
1N5817
LTC1289 TA01
+
U
3V LITHIUM
UO
U
+
10F
CAP+ GND CAP -
VOUT
-3V 22F
1
LTC1289 ABSOLUTE AXI U RATI GS (Notes 1 and 2)
Power Dissipation ............................................. 500mW Operating Temperature Range LTC1289BI, LTC1289CI ..................... - 40C TO 85C LTC1289BC, LTC1289CC ......................... 0C to 70C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec.)................ 300C
Supply Voltage VCC to GND or V - ........................... 12V Negative Supply Voltage (V -) .................... - 6V to GND Voltage Analog and Reference Inputs (V -) - 0.3V to VCC + 0.3V Digital Inputs ......................................... - 0.3V to 12V Digital Outputs............................ - 0.3V to VCC + 0.3V
PACKAGE/ORDER I FOR ATIO
TOP VIEW CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM 1 2 3 4 5 6 7 8 9 20 VCC 19 ACLK 18 SCLK 17 DIN 16 DOUT 15 CS 14 REF+ 13 REF - 12 V - 11 AGND N PACKAGE 20-LEAD PLASTIC DIP
1289 PO01
ORDER PART NUMBER
CH0 1 2 3 4 5 6 7 8 9
DGND 10 J PACKAGE 20-LEAD CERAMIC DIP
LTC1289BIJ LTC1289CIJ LTC1289BIN LTC1289CIN LTC1289BCJ LTC1289CCJ LTC1289BCN LTC1289CCN
CO VERTER A D
PARAMETER Offset Error Linearity Error (INL) Gain Error Minimum Resolution for Which No Missing Codes are Guaranteed Analog and REF Input Range On Channel Leakage Current (Note 8)
ULTIPLEXER CHARACTERISTICS (Note 3)
MIN
q
CONDITIONS VCC = 2.7V (Note 4) VCC = 2.7V (Notes 4 and 5) VCC = 2.7V (Note 4)
q q q
(Note 7) On Channel = 3V Off Channel = 0V On Channel = 0V Off Channel = 3V On Channel = 3V Off Channel = 0V On Channel = 0V Off Channel = 3V q q q q
(V -) - 0.05V to VCC + 0.05V 1 1 1 1
Off Channel Leakage Current (Note 8)
2
U
U
W
WW U
WU
W
TOP VIEW 20 VCC 19 ACLK 18 SCLK 17 DIN 16 DOUT 15 CS 14 REF+ 13 REF - 12 V - 11 AGND
ORDER PART NUMBER LTC1289BCS LTC1289CCS
CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
DGND 10
S PACKAGE 20-LEAD PLASTIC SOL
LTC1289 PO02
U
LTC1289B TYP
MAX 1.5 0.5 0.5 12
MIN
LTC1289C TYP
MAX 1.5 0.5 1.0 12
UNITS LSB LSB LSB BITS
(V -) - 0.05V to VCC + 0.05V 1 1 1 1
V A A A A
LTC1289
AC CHARACTERISTICS (Note 3)
SYMBOL fSCLK fACLK tACC tSMPL tCONV tCYC tdDO tdis ten thCS thDI thDO tf tr tsuDI tsuCS tWHCS CIN PARAMETER Shift Clock Frequency A/D Clock Frequency Delay time from CS to DOUT Data Valid Analog Input Sample Time Conversion Time Total Cycle Time Delay Time, SCLK to DOUT Data Valid Delay Time, CS to DOUT Hi-Z Delay Time, 2nd ACLK to DOUT Enabled Hold Time, CS After Last SCLK Hold Time, DIN After SCLK Time Output Data Remains Valid After SCLK DOUT Fall Time DOUT Rise Time Setup Time, DIN Stable Before SCLK Setup Time, CS Before Clocking in First Address Bit CS High Time During Conversion Input Capacitance See Test Circuits See Test Circuits (Note 6 and 9) (Note 6 and 9) (Note 6) Analog Inputs On Channel Analog Inputs Off Channel Digital Inputs
q q
CONDITIONS (Note 6) (Note 6) (Note 9) See Operating Sequence See Operating Sequence See Operating Sequence (Note 6) See Test Circuits See Test Circuits See Test Circuits (Note 6) (Note 6)
q q q
LTC1289B LTC1289C MIN TYP MAX 0 (Note 10) 2 7 52 12 SCLK + 56 ACLK 200 70 130 0 50 50 40 40 50 2 ACLK Cycles + 180ns 52 100 5 5 100 100 350 150 250 1.0 2.0
UNITS MHz MHz ACLK Cycles SCLK Cycles ACLK Cycles Cycles ns ns ns ns ns ns ns ns ns
ACLK Cycles pF pF pF
3
LTC1289
DIGITAL A D DC ELECTRICAL CHARACTERISTICS (Note 3)
SYMBOL VIH VIL IIH IIL VOH PARAMETER High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current High Level Output Voltage CONDITIONS VCC = 3.6V VCC = 3.0V VIN = VCC VIN = 0V VCC = 3.0V IO = 20A IO = 400A VCC = 3.0V IO = 20A IO = 400A VOUT = VCC, CS High VOUT = 0V, CS High VOUT = 0V VOUT = VCC CS High CS High, Power Shutdown, ACLK Off VREF = 2.5V CS High
q q q q q q q q q
VOL
Low Level Output Voltage
IOZ ISOURCE ISINK ICC IREF I-
High Z Output Leakage Output Source Current Output Sink Current Positive Supply Current Reference Current Negative Supply Current
The q denotes specifications which apply over the operating temperature range; all other limits and typicals TA = 25C. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impared. Note 2: All voltage values are with respect to ground with DGND, AGND and REF -wired together (unless otherwise noted). Note 3: VCC = 3V, VREF+ = 2.5V, VREF- = 0V, V - = 0V for unipolar mode and - 3V for bipolar mode, ACLK = 2.0MHz unless otherwise specified. Note 4: These specs apply for both unipolar and bipolar modes. In bipolar mode, one LSB is equal to the bipolar input span (2VREF) divided by 4096. For example, when VREF = 2.5V, 1LSB(bipolar) = 2(2.5)/4096 = 1.22mV. V - = - 2.7V for bipolar mode. Note 5: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 6: Recommended operating conditions. Note 7: Two on-chip diodes are tied to each analog input which will conduct for analog voltages one diode drop below GND or one diode drop above VCC. Be careful during testing at low VCC levels, as high level analog
4
U
LTC1289B LTC1289C MIN TYP MAX 2.1 0.45 2.5 - 2.5 2.90 2.85
UNITS V V A A V
2.7
q q q
V 0.05 0.10 0.3 3 -3 -10 9 1.5 1.0 10 1 5 10 50 50 A A mA mA mA A A A
inputs can cause this input diode to conduct, especially at elevated temperature, and cause errors for inputs near full scale. This spec allows 50mV forward bias of either diode. This means that as long as the analog input does not exceed the supply voltage by more than 50mV, the output code will be correct. Note 8: Channel leakage current is measured after the channel selection. Note 9: To minimize errors caused by noise at the chip select input, the internal circuitry waits for two ACLK falling edges after a chip select falling edge is detected before responding to control input signals. Therefore, no attempt should be made to clock an address in or data out until the minimum chip select set-up time has elasped. See Typical Peformance Characteristics curves for additional information (tsuCS vs VCC). Note 10: Increased leakage currents at elevated temperatures cause the S/H to droop, therefore it's recommended that fACLK 125kHz at 85C and fACLK 15kHz at 25C.
LTC1289
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
2.8 2.6 2.4
SUPPLY CURRENT (mA)
ACLK = 2MHz TA = 25C
OFFSET (LSB = 1/4096 x VREF)
SUPPLY CURRENT (mA)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 SUPPLY VOLTAGE (V)
LTC1289 TPC01
Change in Linearity vs Reference Voltage
CHANGE IN LINEARITY (LSB = 1/4096 x VREF)
0.5
0.25
CHANGE IN GAIN (LSB = 1/4096 x VREF)
0.20 0.15 0.10 0.05 0
MAGNITUDE OF OFFSET CHANGE (LSB)
VCC = 3V 0.4
0.3
0.2
0.1
0
0
0.5
2.5 1.0 1.5 2.0 REFERENCE VOLTAGE (V)
Change in Linearity vs Temperature
0.5
MAGNITUDE OF LINEARITY CHANGE (LSB)
0.4 0.3
0.4 0.3
MAXIMUM ACLK FREQUENCY* (MHz)
MAGNITUDE OF GAIN CHANGE (LSB)
VCC = 3V VREF = 2.5V ACLK = 2MHz
0.2
0.1
0 20 -60 -40 -20 0 40 60 80 100 AMBIENT TEMPERATURE (C)
LTC1289 TPC07
UW
3.0
LTC1289 TPC04
Supply Current vs Temperature
1.9 1.8 1.7 1.6 1.5 1.4 1.3 -40 -25 -10 ACLK = 2MHz VCC = 3V
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
Unadjusted Offset Voltage vs Reference Voltage
VCC = 3V
VOS = 0.250mV
VOS = 0.125mV
5 20 35 50 65 TEMPERATURE (C)
80
95
0 0 0.5 2.5 2.0 1.5 1.0 REFERENCE VOLTAGE (V) 3.0
LTC 1289 * TPC02
LTC1289 TPC03
Change in Gain vs Reference Voltage
0.5 VCC = 3V
Change in Offset vs Temperature
VCC = 3V VREF = 2.5V ACLK = 2MHz
0.4 0.3
-0.05 -0.10
0.2
-0.15 -0.20 0 0.5 1.5 2.0 2.5 1.0 REFERENCE VOLTAGE (V) 3.0
0.1
-0.25
0 20 -60 -40 -20 0 40 60 80 100 AMBIENT TEMPERATURE (C)
LTC1289 * TPC06
LTC1289 TPC05
Change in Gain vs Temperature
0.5 VCC = 3V VREF = 2.5V ACLK = 2MHz
3
Maximum ACLK Frequency vs Source Resistance
VCC = 3V VREF = 2.5V TA = 25C 2
VIN RSOURCE -
+ INPUT - INPUT
0.2
1
0.1
0 20 40 60 80 100 -60 -40 -20 0 AMBIENT TEMPERATURE (C)
LTC1289 TPC08
0 100
1k
10 k RSOURCE ()
100k
LTC1289 TPC09
* MAXIMUM ACLK FREQUENCY REPRESENTS THE ACLK FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE ERROR AT ANY CODE TRANSITION FROM ITS 2MHZ VALUE IS FIRST DETECTED.
5
LTC1289
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum Filter Resistor vs Cycle Time
10k
S & H AQUISITION TIME TO 0.02% (s)
MAXIMUM RFILTER** ()
SUPPLY CURRENT (A)
1k
100
RFILTER VIN
10
CFILTER 1F
1 10 100 1000 10000
LTC1289 TPC10
CYCLE TIME (s)
Supply Current (Power Shutdown) vs ACLK
18 16 VCC = 3V CMOS LOGIC SWINGS
INPUT CHANNEL LEAKAGE CURRENT (nA)
800 700 600 500 400 300 200 100 ON CHANNEL OFF CHANNEL
PEAK-TO-PEAK NOISE ERROR (LSB)
SUPPLY CURRENT (A)
14 12 10 8 6 4 200
400
800 ACLK FREQUENCY (kHZ)
600
tsuCS vs Supply Voltage
300 TA = 25C 250
1000 10000
200
2ACLK + ns
ICC (A)
150 100
50 0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 SUPPLY VOLTAGE (V)
LTC1289 TPC16
6
UW
+ -
LTC1298 TPC13
Sample and Hold Acquisition Time vs Source Resistance
100 VREF = 2.5V VCC = 3V TA = 25C 0V TO 2.5V INPUT STEP
RSOURCE+
Supply Current (Power Shutdown) vs Temperature
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 ACLK OFF DURING POWER SHUTDOWN
10
VIN
+ -
1 100
1k RSOURCE+ ()
10k
LTC1289 TPC11
0 -60 -40 -20 0 20 40 60 80 AMBIENT TEMPERATURE (C)
100
LTC1289 TPC12
Input Channel Leakage Current vs Temperature
1000 900 GUARANTEED
1.0
Noise Error vs Reference Voltage
LTC1289 NOISE = 200Vp-p 0.8
0.6
0.4
0.2
1000
0 -50 -30 -10 10 30 50 70 90 110 130 AMBIENT TEMPERATURE (C)
LTC1289 * TPC14
0
0
0.5
1.5 2.0 2.5 1.0 REFERENCE VOLTAGE (V)
3.0
LTC1289 * TPC15
Power Consumption with Power Shutdown vs fSAMPLE
VCC = 3V VREF = 2.5V ACLK = 2MHz CMOS LOGIC SWINGS THREE CONVERSIONS/CYCLE
100
10
1 1 10 100 fSAMPLE (Hz)
LTC1289 TPC17
1000
10000
** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALUE AT WHICH A 0.1LSB CHANGE IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.
LTC1289
PI FU CTIO S
#
1-8 9 10 11 12 13,14 15 16 17 18 19 20
PIN
CH0 - CH7 COM DGND AGND V- REF -, REF + CS DOUT DIN SCLK ACLK VCC
FUNCTION
Analog Inputs Common Digital Ground Analog Ground Negative Supply Reference Inputs Chip Select Input Digital Data Output Digital Input Shift Clock A/D Conversion Clock Positive Supply
BLOCK DIAGRAM
20 18 SCLK
VCC
DIN
17
CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
U
1 2 3 4 5 6 7 8 9
U
U
DESCRIPTION
The analog inputs must be free of noise with respect to AGND. The common pin defines the zero reference point for all single-ended inputs. It must be free of noise and is usually tied to the analog ground plane. This is the ground for the internal logic. Tie to the ground plane. AGND should be tied directly to the analog ground plane. Tie V - to the most negative potential in the circuit. (Ground in single supply applications.) The reference inputs must be kept free of noise with respect to AGND. A logic low on this input enables data transfer. The A/D conversion result is shifted out of this output. The A/D configuration word is shifted into this input. This clock synchronizes the serial data transfer. This clock controls the A/D conversion process. This supply must be kept free of noise and ripple by bypassing directly to the analog ground plane.
INPUT SHIFT REGISTER
OUTPUT SHIFT REGISTER
16
DOUT
SAMPLE AND HOLD ANALOG INPUT MUX
COMP 12-BIT SAR 12-BIT CAPACITIVE DAC 19
ACLK
10 DGND
11 AGND
12 V-
13 REF -
14 REF+
CONTROL AND TIMING
15
CS
LTC1289 BD
7
LTC1289 TEST CIRCUITS
On and Off Channel Leakage Current
3V ION A IOFF A OFF CHANNELS ON CHANNEL
Voltage Waveforms for DOUT Delay Time, tdDO
SCLK
0.45V tdDO 2.1V
DOUT 0.6V
LTC1289 TC03
POLARITY
LTC1283 TC01
Load Circuit for tdDO, tr and tf
1.5V
Voltage Waveforms for DOUT Rise and Fall Times, tr,tf
DOUT 2.1V
3k DOUT 100pF
LTC1289 TC02
0.6V
TEST POINT
tr
tf
LTC1289 TC04
Load Circuit for tdis and ten
TEST POINT
3k DOUT 100pF
3V tdis WAVEFORM 2, ten tdis WAVEFORM 1
LTC1289 TC05
Voltage Waveforms for ten and tdis
1 ACLK 2
CS
2.1V
DOUT WAVEFORM 1 (SEE NOTE 1) ten DOUT WAVEFORM 2 (SEE NOTE 2)
2.1V tdis 0.6V NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH CONDITIONS SUCH THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL. NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
90%
10%
LTC1289 TC06
8
LTC1289
APPLICATI
S I FOR ATIO
The LTC1289 is a data acquisition component which contains the following functional blocks: 1. 12-bit successive approximation capacitive A/D converter 2. Analog multiplexer (MUX) 3. Sample and hold (S/H) 4. Synchronous, full duplex serial interface 5. Control and timing logic DIGITAL CONSIDERATIONS Serial Interface The LTC1289 communicates with microprocessors and other external circuitry via a synchronous, full duplex, four wire serial interface (see Operating Sequence). The shift clock (SCLK) synchronizes the data transfer with each bit being transmitted on the falling SCLK edge and captured on the rising SCLK edge in both transmitting and receiving systems. The data is transmitted and received simultaneously (full duplex). Data transfer is initiated by a falling chip select (CS) signal. After the falling CS is recognized, an 8-bit input word is shifted into the DIN input which configures the LTC1289 for the next conversion. Simultaneously, the result of the
Operating Sequence (Example: Differential Inputs (CH3-CH2), Bipolar, MSB-First and 12-Bit Word Length)
tCYC 1 SCLK tSMPL CS 2 3 4 5 6 7 8 9 10 11 12 DON'T CARE tCONV
DIN
DOUT SHIFT CONFIGURATION WORD IN
U
previous conversion is output on the DOUT line. At the end of the data exchange the requested conversion begins and CS should be brought high. After tCONV, the conversion is complete and the results will be available on the next data transfer cycle. As shown below, the result of a conversion is delayed by one CS cycle from the input word requesting it.
DIN DOUT DIN WORD 1 DOUT WORD 0 DATA TRANSFER tCONV A/D CONVERSION DIN WORD 2 DOUT WORD 1 DATA TRANSFER tCONV A/D CONVERSION
LTC1289 AI01
W
U
UO
DIN WORD 3 DOUT WORD 2
Input Data Word The LTC1289 8-bit data word is clocked into the DIN input on the first eight rising SCLK edges after chip select is recognized. Further inputs on the DIN pin are then ignored until the next CS cycle. The eight bits of the input word are defined as follows:
UNIPOLAR/ BIPOLAR SGL/ DIFF ODD/ SIGN SELECT 1 SELECT 0 WORD LENGTH
UNI
MSBF
WL1
WL0
MUX ADDRESS
MSB-FIRST/ LSB-FIRST
LTC1289 AI02
DON'T CARE
B11 B10 B9 (SB)
B8
B7 B6
B5
B4
B3
B2
B1
B0
SHIFT A/D RESULT OUT AND NEW CONFIGURATION WORD IN
LTC1289 AI03
9
LTC1289
APPLICATI
MUX Address The first four bits of the input word assign the MUX configuration for the requested conversion. For a given channel selection, the converter will measure the voltage between the two channels indicated by the + and - signs in the selected row of Table 1. Note that in differential
Table 1. Multiplexer Channel Selection
MUX ADDRESS SGL/ ODD SELECT DIFF SIGN 1 0 0 0 00 0 0 01 0 0 10 0 0 11 0 1 00 0 1 01 0 1 10 0 1 11 DIFFERENTIAL CHANNEL SELECTION 0 + 1 - + - + - + - + - + - + - + - 2 3 4 5 6 7 MUX ADDRESS SGL/ ODD SELECT DIFF SIGN 1 0 1 0 00 1 0 01 1 0 10 1 0 11 1 1 00 1 1 01 1 1 10 1 1 11 SINGLE-ENDED CHANNEL SELECTION 0 + + + + + + + + 1 2 3 4 5 6 7 COM - - - - - - - -
S I FOR ATIO
4 Differential
CHANNEL 0,1
{ { { {
2,3
+ (-) - (+) + (-) - (+) + (-) - (+) + (-) - (+)
4,5
CHANNEL 0 1 2 3 4 5 6 7
6,7
Changing the MUX Assignment "On the Fly"
4,5
{ {
6,7
+ - + -
COM (UNUSED) 1ST CONVERSION
Figure 1. Examples of Multiplexer Options on the LTC1289
10
U
mode (SGL/DIFF = 0) measurements are limited to four adjacent input pairs with either polarity. In single-ended mode, all input channels are measured with respect to COM.
8 Single-Ended Combinations of Differential and Single-Ended
CHANNEL 0,1
W
U
UO
+ + + + + + + +
COM (-)
{ {
4 5 6 7
+ - - + + + + +
COM (-)
2,3
5,4 6 7
{ {
- + + +
COM (-) 2ND CONVERSION
LTC1289 AIF01
LTC1289
APPLICATI
S I FOR ATIO
Unipolar/Bipolar (UNI) The fifth input bit (UNI) determines whether the conversion will be unipolar or bipolar. When UNI is a logical one, a unipolar conversion will be performed on the selected
Unipolar Output Code (UNI = 1)
OUTPUT CODE 111111111111 111111111110 * * * 000000000001 000000000000
INPUT VOLTAGE VREF - 1LSB VREF - 2LSB * * * 1LSB 0V
INPUT VOLTAGE (VREF = 2.5V) 2.4994V 2.4988V * * * 0.0006V 0V
LTC1289 AI04a
Bipolar Output Code (UNI = 0)
OUTPUT CODE 011111111111 011111111110 * * * 000000000001 000000000000 INPUT VOLTAGE VREF - 1LSB VREF - 2LSB * * * 1LSB 0V INPUT VOLTAGE (VREF = 2.5V) 2.4988V 2.4976V * * * 0.0012V 0V OUTPUT CODE 111111111111 111111111110 * * * 100000000001 100000000000 INPUT VOLTAGE -1LSB -2LSB * * * -(VREF) + 1LSB - (VREF) INPUT VOLTAGE (VREF = 2.5V) -0.0012V -0.0024V * * * -2.4988V -2.5000V
LTC1289 AI05a
Bipolar Transfer Curve (UNI = 0)
011111111111 011111111110
* * * 000000000001 000000000000
U
input voltage. When UNI is a logical zero, a bipolar conversion will result. The input span and code assignment for each conversion type are shown in the figures below.
Unipolar Transfer Curve (UNI = 1)
111111111111 111111111110
W
U
UO
-VREF
* * *
000000000001 000000000000
0V 1LSB VREF - 1LSB VREF VREF - 2LSB
VIN
LTC1289 AI04b
1LSB
-VREF + 1LSB
VIN
VREF - 1LSB
VREF
VREF - 2LSB
111111111111 111111111110 * * * 100000000001 100000000000
-2LSB
-1LSB
LTC1289 AI05b
11
LTC1289
APPLICATI S I FOR ATIO U
Example 2 (Diff.): IN - IN+ IN - + 2V Example 3 (Diff.): IN - - 2V IN+ IN- + 2V. MSB-First/LSB-First Format (MSBF) The output data of the LTC1289 is programmed for MSBfirst or LSB-first sequence using the MSBF bit. For MSBfirst output data, the input word clocked to the LTC1289 should always contain a logical one in the sixth bit location (MSBF bit). Likewise for LSB-first output data the input word clocked to the LTC1289 should always contain a zero in the MSBF bit location. The MSBF bit affects only the order of the output data word. The order of the input word is unaffected by this bit.
MSBF 0 1 OUTPUT FORMAT LSB-First MSB-First
LTC1289 AI06
The following discussion will demonstrate how the two reference pins are to be used in conjunction with the analog input multiplexer. In unipolar mode the input span of the A/D is set by the difference in voltage on the REF+ pin and the REF - pin. In the bipolar mode the input span is twice the difference in voltage on the REF+ pin and the REF- pin. In the unipolar mode the lower value of the input span is set by the voltage on the COM pin for single-ended inputs and by the voltage on the minus input pin for differential inputs. For the bipolar mode of operation the voltage on the COM pin or the minus input pin sets the center of the input span. The upper and lower value of the input span can now be summarized in the following table:
INPUT CONFIGURATION
Single-Ended Differential Lower Value COM -(REF + - REF - ) + COM Upper Value (REF + - REF - ) + COM (REF+ - REF - ) + COM Lower Value IN Upper Value (REF + - REF - ) + IN -
-
UNIPOLAR MODE
The reference voltages REF + and REF - can fall between VCC and V -, but the difference (REF +- REF -) must be less than or equal to VCC. The input voltages must be less than or equal to VCC and greater than or equal to V -. The following examples are for a single-ended input configuration. Example 1: Let VCC = 3.3V, V - = 0V, REF + = 3V, REF - = 1V and COM = 0V. Unipolar mode of operation. The resulting input span is 0V IN + 2V. Example 2: The same conditions as Example 1 except COM = 1V. The resulting input span is 1V IN+ 3V. Note if IN+ 3V the resulting DOUT word is all 1's. If IN+ 1V then the resulting DOUT word is all 0's. Example 3: Let VCC = 3.3V, V - = -3.3V, REF+ = 3V, REF - = 1V and COM = 1V. Bipolar mode of operation. The resulting input span is -1V IN+ 3V. For differential input configurations with the same conditions as in the above three examples the resulting input spans are as follows: Example 1 (Diff.): IN - IN + IN - + 2V
12
W
U
UO
BIPOLAR MODE
-(REF - REF ) + IN (REF + - REF - ) + IN -
+
-
-
Word Length (WL1, WL0) and Power Shutdown The last two bits of the input word (WL1 and WL0) program the output data word length and the power shutdown feature of the LTC1289. Word lengths of 8, 12 or 16 bits can be selected according to the following table.
WL1 0 0 1 1 WL0 0 1 0 1 OUTPUT WORD LENGTH 8 Bits Power Shutdown 12 Bits 16 Bits
LTC1289 AI07
The WL1 and WL0 bits in a given DIN word control the length of the present, not the next, DOUT word. WL1 and WL0 are never "don't cares" and must be set for the correct DOUT word length even when a "dummy" DIN word is sent. On any transfer cycle, the word length should be made equal to the number of SCLK cycles sent by the MPU. Power down will occur when WL1 = 0 and WL0 = 1 is selected. The previous result will be clocked out as a 10 bit word so a "dummy"conversion is required before powering down the LTC1289. Conversions are resumed once CS goes low or an SCLK is applied, if CS is already low.
LTC1289
APPLICATI
S I FOR ATIO
8-Bit Word Length
tSMPL CS tCONV
SCLK
1
DOUT MSB-FIRST
B11 (SB)
B10
B9
B8
B7
DOUT LSB-FIRST
B0
B1
B2
B3
B4
12-Bit Word Length
tSMPL CS tCONV
SCLK
1 (SB)
DOUT MSB-FIRST
B11
B10
B9
B8
B7
DOUT LSB-FIRST
B0
B1
B2
B3
B4
16-Bit Word Length
tSMPL CS tCONV
SCLK
1 (SB)
DOUT MSB-FIRST
B11
B10
B9
B8
B7
DOUT LSB-FIRST
B0
B1
B2
B3
B4
* IN UNIPOLAR MODE, THESE BITS ARE FILLED WITH ZEROS. IN BIPOLAR MODE, THE SIGN BIT IS EXTENDED INTO THESE LOCATIONS.
Figure 2. Data Output (DOUT) Timing with Different Word Lengths
U
B6 B5 B4 THE LAST FOUR BITS ARE TRUNCATED B5 B6 B7 10 12 B6 B5 B4 B3 B2 B1 B0 (SB) B5 B6 B7 B8 B9 B10 B11 12 16 B6 B5 B4 B3 B2 B1 B0 (SB) B5 B6 B7 B8 B9 B10 B11 * * * FILL ZEROS
LTC1289 AIF02
W
U
UO
13
LTC1289
APPLICATI
Deglitcher A deglitching circuit has been added to the Chip Select input of the LTC1289 to minimize the effects of errors caused by noise on that input. This circuit ignores changes in state on the CS input that are shorter in duration than one ACLK cycle. After a change of state on the CS input, the LTC1289 waits for two falling edge of the ACLK before recognizing a valid chip select. One indication of CS recognition is the DOUT line becoming active (leaving the Hi-Z state). Note that the deglitching applies to both the rising and falling CS edges.
Low CS Recognized Internally
ACLK ACLK
S I FOR ATIO
CS
DOUT
Hi-Z
VALID OUTPUT
LTC1289 AI08
SHIFT MUX ADDRESS IN CS
tSMPL SAMPLE ANALOG INPUT
SCLK DIN DOUT B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 DON'T CARE B1 B0 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
LTC1289 AIF03
Figure 3. CS High During Conversion
SHIFT MUX ADDRESS IN CS
tSMPL SAMPLE ANALOG INPUT
SCLK DIN DOUT B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 DON'T CARE
B1
Figure 4. CS Low During Conversion
14
U
CS Low During Conversion In the normal mode of operation, CS is brought high during the conversion time. The serial port ignores any SCLK activity while CS is high. The LTC1289 will also operate with CS low during the conversion. In this mode, SCLK must remain low during the conversion as shown in the following figure. After the conversion is complete, the DOUT line will become active with the first output bit. Then the data transfer can begin as normal.
High CS Recognized Internally
CS DOUT VALID OUTPUT Hi-Z
LTC1289 AI08a
W
U
UO
48 TO 52 ACLK CYC
SHIFT RESULT OUT AND NEW ADDRESS IN
48 TO 52 ACLK CYC
SHIFT RESULT OUT AND NEW ADDRESS IN
SCLK MUST REMAIN LOW
B0
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
LTC1289 AIF04
LTC1289
APPLICATI
Logic Levels
S I FOR ATIO
The logic level standards for this supply range have not been well defined. What standards that do exist are not universally accepted. The trip point on the logic inputs of the LTC1289 is 0.28 x VCC. This makes the logic inputs compatible with HC type logic levels and processors that are specified at 3.3V. The output DOUT is also compatible with the above standards. The following summarizes such levels. VOH (no load) VOL (no load) VOH VOL VIH VIL VCC - 0.1V 0.1V 0.9 x VCC 0.1 x VCC 0.7 x VCC 0.2 x VCC
The LTC1289 can be driven with 5V logic even when VCC is at 3.3V. This is due to a unique input protection device that is found on the LTC1289. Microprocessor Interfaces The LTC1289 can interface directly (without external hardware) to most popular microprocessor (MPU) synchronous serial formats. If an MPU without a serial interface is used, then four of the MPU's parallel port lines can be programmed to form the serial link to the LTC1289. Many of the popular MPU's can operate with 3V supplies. For example the MC68HC11 is an MPU with a serial format (SPI). Likewise parallel MPU's that have the 8051 type architecture are also capable of operating at this voltage
2
1
0 3-WIRE SERIAL INTERFACE TO OTHER PERIPHERALS OR LTC1289s CS LTC1289 8 CHANNELS
OUTPUT PORT SERIAL DATA MPU 3 3 CS LTC1289 8 CHANNELS 3 CS LTC1289 8 CHANNELS 3
Figure 5. Several LTC1289s Sharing One 3-Wire Serial Interface
U
range. The code for these processors remains the same and can be found in the LTC1290 datasheet or application notes AN36A and AN36B. Sharing the Serial Interface The LTC1289 can share 3-wire serial interface with other peripheral components or other LTC1289s (See Figure 5). In this case, the CS signals decide which LTC1289 is being addressed by the MPU. ANALOG CONSIDERATIONS 1. Grounding The LTC1289 should be used with an analog ground plane and single point grounding techniques. Pin 11 (AGND) should be tied directly to this ground plane. Pin 10 (DGND) can also be tied directly to this ground plane because minimal digital noise is generated within the chip itself. Pin 20 (VCC) should be bypassed to the ground plane with a 22F tantalum with leads as short as possible. Pin 12 (V -) should be bypassed with a 0.1F ceramic disk. For single supply applications, V - can be tied to the ground plane. It is also recommended that pin 13 (REF -) and pin 9 (COM) be tied directly to the ground plane. All analog inputs should be referenced directly to the single point ground. Digital inputs and outputs should be shielded from and/or routed away from the reference and analog circuitry.
LTC1289 AIF05
W
U
UO
15
LTC1289
APPLICATI S I FOR ATIO U
tor. The noise and ripple is approximately 0.5mV. Figure 8b shows the response of a lithium battery with a 10F bypass capacitor. The noise and ripple is kept below 0.5mV.
VERTICAL: 0.5mV/DIV HORIZONTAL: 10s/DIV
Figure 6 shows an example of an ideal ground plane design for a two-sided board. Of course, this much ground plane will not always be possible, but users should strive to get as close to this ideal as possible. 2. Bypassing For good performance, VCC must be free of noise and ripple. Any changes in the VCC voltage with respect to analog ground during a conversion cycle can induce errors or noise in the output code. VCC noise and ripple can be kept below 0.5mV by bypassing the VCC pin directly to the analog ground plane with a 22F tantalum capacitor and leads as short as possible. The lead from the device to the VCC supply should also be kept to a minimum and the VCC supply should have a low output impedance such as that obtained from a voltage regulator (e.g., LT1117). Using a battery to power the LTC1289 will help reduce the amount of bypass capacitance required on the VCC pin. A battery placed close to the device will only require 10F to adequately bypass the supply pin. Figure 7 shows the effect of poor VCC bypassing. Figure 8a shows the settling of a LT1117 low dropout regulator with a 22F bypass capaciVCC 0.1F 22F TANTALUM
1 2 3 4 5 6 7 8 9 10 ANALOG GROUND PLANE
20 19 18 17 16 15 14 13 12 11 V- 0.1F CERAMIC DISK
LTC1289 AIF06
Figure 6. Example Ground Plane for the LTC1289
16
W
U
UO
Figure 7. Poor VCC Bypassing. Noise and Ripple Can Cause A/D Errors.
5V/DIV
CS
0.5mV/DIV
VCC
HORIZONTAL: 20s/DIV
Figure 8a. LT1117 Regulator with 22F Bypassing on VCC
5V/DIV
CS
0.5mV/DIV
VCC
HORIZONTAL: 20s/DIV
Figure 8b. Lithium Battery with 10F Bypassing on VCC
LTC1289
APPLICATI
S I FOR ATIO
3. Analog Inputs Because of the capacitive redistribution A/D conversion techniques used, the analog inputs of the LTC1289 have capacitive switching input current spikes. These current spikes settle quickly and do not cause a problem. However, if large source resistances are used or if slow settling op amps drive the inputs, care must be taken to insure that the transients caused by the current spikes settle completely before the conversion begins.
Source Resistance
The analog inputs of the LTC1289 look like a 100pF capacitor (CIN) is series with a 1500 resistor (RON) as shown in Figure 9. This value for RON is for VCC = 2.7V. With larger supply voltages RON will be reduced. For example with VCC = 2.7V and V -= - 2.7V RON becomes 500. CIN gets switched between the selected "+" and "- " inputs once during each conversion cycle. Large external source resistors and capacitances will slow the settling of
RSOURCE + VIN + C1 "-" INPUT 4TH SCLK RON = 1.5k LAST SCLK CIN = 100pF "+" INPUT LTC1289
RSOURCE - VIN -
C2
LTC1289 AIF09
Figure 9. Analog Input Equivalent Circuit
SAMPLE MUX ADDRESS SHIFTED IN CS "+" INPUT MUST SETTLE DURING THIS TIME tSMPL ***
SCLK
1
2
3
4
***
ACLK
***
"+" INPUT "-" INPUT
1289 AIF10
Figure 10. "+" and "-" Input Settling Windows
U
the inputs. It is important that the overall RC time constants be short enough to allow the analog inputs to completely settle within the allotted time.
"+" Input Settling
W
U
UO
This input capacitor is switched onto the "+" input during the sample phase (tSMPL, see Figure 10). The sample phase starts at the 4th SCLK cycle and lasts until the falling edge of the last SCLK (the 8th, 12th or 16th SCLK cycle depending on the selected word length). The voltage on the "+" input must settle completely within this sample time. Minimizing RSOURCE+ and C1 will improve the input settling time. If large "+" input source resistance must be used, the sample time can be increased by using a slower SCLK frequency or selecting a longer word length. With the minimum possible sample time of 4s, RSOURCE+ < 2k and C1 < 20pF will provide adequate settling.
"-" Input Settling
At the end of the sample phase the input capacitor switches to the "-" input and the conversion starts (see Figure 10). During the conversion, the "+" input voltage is effectively "held" by the sample and hold and will not affect the conversion result. However, it is critical that the "-" input voltage be free of noise and settle completely during the first four ACLK cycles of the conversion time. Minimizing RSOURCE- and C2 will improve settling time. If large "-" input source resistance must be used, the time allowed for
HOLD
LAST SCLK (8TH, 12TH OR 16TH DEPENDING ON WORK LENGTH)
1
2
3
4
***
1ST BIT TEST "-" INPUT MUST SETTLE DURING THIS TIME
17
LTC1289
APPLICATI
S I FOR ATIO
settling can be extended by using a slower ACLK frequency. At the maximum ACLK rate of 2MHz, RSOURCE- < 200 and C2 < 20pF will provide adequate settling.
Input Op Amps
When driving the analog inputs with an op amp it is important that the op amp settle within the allowed time (see Figure 10). Again, the "+" and "-" input sampling times can be extended as described above to accommodate slower op amps. For single supply low voltage applications the LT1006, LT1013 and LT1014 can be made to settle well even with the minimum settling windows of 4s ("+" input) and 2s ("-" input) which occur at the maximum clock rates (ACLK = 2MHz and SCLK = 1MHz). Figures 11 and 12 show examples of adequate and poor op amp settling. The LT1077, LT1078 or LT1079 can be used here to reduce power consumption. Placing an RC network at the output of the op amps will improve the settling response and also reduce the broadband noise.
RC Input Filtering
VERTICAL: 5mV/DIV
It is possible to filter the inputs with an RC network as shown in Figure 13. For large values of CF (e.g., 1F), the capacitive input switching currents are averaged into a net DC current. Therefore, a filter should be chosen with a small resistor and large capacitor to prevent DC drops across the resistor. The magnitude of the DC current is approximately IDC = 100pF x VIN /tCYC and is roughly proportional to VIN. When running at the minimum cycle time of 40s, the input current equals 6.3A at VIN = 2.5V. In this case, a filter resistor of 10 will cause 0.1LSB of full-scale error. If a larger filter resistor must be used, errors can be eliminated by increasing the cycle time as shown in the typical curve of Maximum Filter Resistor vs Cycle Time.
Input Leakage Current
VERTICAL: 5mV/DIV
Input leakage currents can also create errors if the source resistance gets too large. For instance, the maximum input leakage specification of 1A (at 85C) flowing through a source resistance of 1k will cause a voltage drop of 1mV or 1.6LSB with VREF = 2.5V. This error will be much reduced at lower temperatures because leakage drops
18
U
rapidly (see typical curve of Input Channel Leakage Current vs Temperature). Noise Coupling Into Inputs High source resistance input signals (>500) are more sensitive to coupling from external sources. It is preferable to use channels near the center of the package (i.e., CH2-CH7) for signals which have the highest output resistance because they are essentially shielded by the
HORIZONTAL: 500ns/DIV
W
U
UO
Figure 11. Adequate Settling of Op Amps Driving Analog Input
HORIZONTAL: 20s/DIV
Figure 12. Poor Op Amp Settling Can Cause A/D Errors
RFILTER VIN
IIDC "+" CFILTER LTC1289 "-"
LTC1289 AIF13
Figure 13. RC Input Filtering
LTC1289
APPLICATI
S I FOR ATIO
pins on the package ends (DGND and CH0). Grounding any unused inputs (especially the end pin, CH0) will also reduce outside coupling into high source resistances. 4. Sample and Hold
Single-Ended Inputs
The LTC1289 provides a built-in sample and hold (S&H) function for all signals acquired in the single-ended mode (COM pin grounded). This sample and hold allows the LTC1289 to convert rapidly varying signals (see typical curve of S&H Acquisition Time vs Source Resistance). The input voltage is sampled during the tSMPL time as shown in Figure 10. The sampling interval begins after the fourth MUX address bit is shifted in and continues during the remainder of the data transfer. On the falling edge of the final SCLK, the S&H goes into hold mode and the conversion begins. The voltage will be held on either the 8th, 12th or 16th falling edge of the SCLK depending on the word length selected.
Differential Inputs
With differential inputs or when the COM pin is not tied to ground, the A/D no longer converts just a single voltage but rather the difference between two voltages. In these cases, the voltage on the selected "+" input is still sampled and held and therefore may be rapidly time varing just as in single ended mode. However, the voltage on the selected "-" input must remain constant and be free of noise and ripple throughout the conversion time. Otherwise, the differencing operation may not be performed accurately. The conversion time is 52 ACLK cycles. Therefore, a change in the "-" input voltage during this interval can cause conversion errors. For a sinusoidal voltage on the "-" input this error would be: VERROR (MAX) = VPEAK x 2 x x f("-") x 52 fACLK Where f("-") is the frequency of the "-" input voltage, VPEAK is its peak amplitude and fACLK is the frequency of the ACLK. In most cases VERROR will not be significant. For
U
a 60Hz signal on the "-" input to generate a 1/4LSB error (150V) with the converter running at ACLK = 2MHz, its peak value would have to be 15mV. 5. Reference Inputs The voltage between the reference inputs of the LTC1289 defines the voltage span of the A/D converter. The reference inputs will have transient capacitive switching currents due to the switched capacitor conversion technique (see Figure 14). During each bit test of the conversion (every 4 ACLK cycles), a capacitive current spike will be generated on the reference pins by the A/D. These current spikes settle quickly and do not cause a problem. However, if slow settling circuitry is used to drive the reference inputs, care must be taken to insure that transients caused by these current spikes settle completely during each bit test of the conversion. When driving the reference inputs, two things should be kept in mind: 1. Transients on the reference inputs caused by the capacitive switching currents must settle completely during each bit test (each 4 ACLK cycles). Figures 15 and 16 show examples of both adequate and poor settling. Using a slower ACLK will allow more time for the reference to settle. However, even at the maximum ACLK rate of 2MHz most references and op amps can be made to settle within the 2s bit time. For example an LT1019 used in the shunt mode with a 10F bypass capacitor will settle adequately. To minimize power an LT1004-2.5 can be used with a 10F bypass capacitor. For lower value references the LT1004-1.2 with a 1F bypass capacitor can be used.
REF+ 14 ROUT VREF REF - 13 LTC1289 EVERY 4 ACLK CYCLES RON 8pF - 40pF
LTC1289 AIF14
W
U
UO
Figure 14. Reference Input Equivalent Circuit
19
LTC1289
APPLICATI S I FOR ATIO U
Offset with Reduced VREF
VERTICAL: 0.5mV/DIV
HORIZONTAL: 1s/DIV
Figure 15. Adequate Reference Settling
VERTICAL: 0.5mV/DIV
HORIZONTAL: 1s/DIV
Figure 16. Poor Reference Settling Can Cause A/D Errors
2. It is recommended that REF- input be tied directly to the analog ground plane. If REF- is biased at a voltage other than ground, the voltage must not change during a conversion cycle. This voltage must also be free of noise and ripple with respect to analog ground. 6. Reduced Reference Operation The effective resolution of the LTC1289 can be increased by reducing the input span of the converter. The LTC1289 exhibits good linearity and gain over a wide range of reference voltages (see typical curves of Linearity and Gain Error vs Reference Voltage). However, care must be taken when operating at low values of VREF because of the reduced LSB step size and the resulting higher accuracy requirement placed on the converter. The following factors must be considered when operating at low VREF values: 1. Offset 2. Noise
20
W
U
UO
The offset of the LTC1289 has a larger effect on the output code when the A/D is operated with reduced reference voltage. The offset (which is typically a fixed voltage) becomes a larger fraction of an LSB as the size of the LSB is reduced. The typical curve of Unadjusted Offset Error vs Reference Voltage shows how offset in LSBs is related to reference voltage for a typical value of VOS. For example, a VOS of 0.1mV which is 0.2LSB with a 2.5V reference becomes 0.4LSB with a 1.25V reference. If this offset is unacceptable, it can be corrected digitally by the receiving system or by offsetting the "-" input to the LTC1289.
Noise with Reduced VREF
The total input referred noise of the LTC1289 can be reduced to approximately 200V peak-to-peak using a ground plane, good bypassing, good layout techniques and minimizing noise on the reference inputs. This noise is insignificant with a 2.5V reference but will become a larger fraction of an LSB as the size of the LSB is reduced. The typical curve of Noise Error vs Reference Voltage shows the LSB contribution of this 200V of noise. For operation with a 2.5 reference, the 200V noise is only 0.32LSB peak-to-peak. In this case, the LTC1289 noise will contribute virtually no uncertainty to the output code. However, for reduced references, the noise may become a significant fraction of an LSB and cause undesirable jitter in the output code. For example, with a 1.25V reference, this same 200V noise is 0.64LSB peak-to-peak. This will reduce the range of input voltages over which a stable output code can be achieved by 0.64LSB. In this case averaging readings may be necessary. This noise data was taken in a very clean setup. Any setup induced noise (noise or ripple on VCC, VREF, VIN or V -) will add to the internal noise. The lower the reference voltage to be used, the more critical it becomes to have a clean, noisefree setup.
LTC1289
APPLICATI S I FOR ATIO U
output spectrum of the LTC1289 is shown in Figures 17a and 17b. The input (fIN) frequencies are 1kHz and 12kHz with the sampling frequency (fS) at 25kHz. The SNR obtained from the plot are 72.92dB and 72.23dB. Rewriting the SNR expression it is possible to obtain the equivalent resolution based on the SNR measurement. N = SNR - 1.76dB 6.02 This is the so-called effective number of bits (ENOB). For the example shown in Figures 17a and 17b, N = 11.8 bits and 11.7 bits, respectively. Figure 18 shows a plot of ENOB as a function of input frequency. The curve shows the A/ D's ENOB remain in the range of 11.8 to 11.7 for input frequencies up to fS/2
12 FS = 25kHz
-20 -40 -60 -80 -100 -120 -140 0 2 4 8 6 10 FREQUENCY (kHz) 12 14
7. LTC1289 AC Characteristics Two commonly used figures of merit for specifying the dynamic performance of the A/D's in digital signal processing applications are the Signal-to-Noise Ratio (SNR) and the "effective number of bits (ENOB)." SNR is defined as the ratio of the RMS magnitude of the fundamental to the RMS magnitude of all the nonfundamental signals up to the Nyquist frequency (half the sampling frequency). The theoretical maximum SNR for a sine wave input is given by: SNR = (6.02N + 1.76dB) where N is the number of bits. Thus the SNR is a function of the resolution of the A/D. For an ideal 12-bit A/D the SNR is equal to 74dB. A Fast Fourier Transform(FFT) plot of the
0
EFFECTIVE NUMBER OF BITS
MAGNITUDE (dB)
Figure 17a. fIN = 1kHz, fS = 25kHz, SNR = 72.92dB
0 -20
MAGNITUDE (dB)
MAGNITUDE (dB)
-40 -60 -80 -100 -120 -140 0 2 4 8 6 10 FREQUENCY (kHz) 12 14
Figure 17b. fIN = 12kHz, fS = 25kHz, SNR = 72.23dB
W
U
UO
11 10 9 8 7 6 0 10 20 30 FREQUENCY (kHz) 40 50
LTC1289 F17a
LTC1289 * AIF18
Figure 18. LTC1289 ENOB vs Input Frequency
0 -20 -40 -60 -80 -100 -120 -140 0 2 4 8 6 10 FREQUENCY (kHz) 12 14
LTC1289 F17b
LTC1289 F19
Figure 19. fIN1 = 2.6kHz, fIN2 = 3.1kHz, fS = 25kHz
21
LTC1289
APPLICATI
S I FOR ATIO
Figure 19 shows an FFT plot of the output spectrum for two tones applied to the input of the A/D. Nonlinearities in the A/D will cause distortion products at the sum and difference frequencies of the fundamentals and products of the fundamentals. This is classically referred to as intermodulation distortion (IMD). 8. Overvoltage Protection Applying signals to the analog MUX that exceed the positive or negative supply of the device will degrade the accuracy of the A/D and possibly damage the device. For example this condition would occur if a signal is applied to the analog MUX before power is applied to the LTC1289. Another example is the input source is operating from different supplies of larger value than the LTC1289. These conditions should be prevented either with proper supply sequencing or by use of external circuitry to clamp or current limit the input source. As shown in Figure 20, a 1k resistor is enough to stand off 15V (15mA for one only channel). If more than one channel exceeds the supplies than the following guidelines can be used. Limit the current to 7mA per channel and 28mA for all channels. This means four channels can handle 7mA of input current each. Reducing the ACLK and SCLK frequencies from the maximum of 2MHz and 1MHz, respectively (see Typical Peformance Characteristics curves Maximum ACLK Frequency vs Source Resistance and Sample and Hold Acquisition Time vs Source Resistance) allows the use of larger current limiting resistors. Use 1N4148 diode clamps from the MUX inputs to VCC and V - if the value of the series resistor will not allow the maximum clock speeds to be used or if an unknown source is used to drive the LTC1289 MUX inputs. How the various power supplies to the LTC1289 are applied can also lead to overvoltage conditions. For single supply operation (i.e., unipolar mode), if VCC and REF + are not tied together, then VCC should be turned on first, then REF +. If this sequence cannot be met, connecting a diode from REF + to VCC is recommended (see Figure 21). For dual supplies (bipolar mode) placing two Schottky diodes from VCC and V - to ground (Figure 22) will prevent power supply reversal from occuring when an input source
22
U
is applied to the analog MUX before power is applied to the device. Power supply reversal occurs, for example, if the input is pulled below V - then VCC will pull a diode drop below ground which could cause the device not to power up properly. Likewise, if the input is pulled above VCC then V - will be pulled a diode drop above ground. If no inputs are present on the MUX, the Schottky diodes are not required if V - is applied first, then VCC. Because a unique input protection structure is used on the digital input pins, the signal levels on these pins can exceed the device VCC without damaging the device.
VIN 1k CH0 VCC 3.3V 22F LTC1289 V- DGND AGND -3.3V 0.1F
LTC1289 AIF20
W
U
UO
Figure 20. Overvoltage Protection for MUX
VCC
20
3.3V 22F
LTC1289
1N4148
REF+
14
VREF
LTC1289 AIF21
Figure 21.
VCC 1N5817 LTC1289 V- DGND AGND 1N5817
3.3V 22F
-3.3V 0.1F
LTC1289 AIF22
Figure 22. Power Supply Reversal
LTC1289
TYPICAL APPLICATI UO S
SCLK is driven by one half the clock rate. CS is driven at 1/128 the clock rate by the 74HC393 and DOUT outputs the data. All other pins are tied to a ground plane. The output data from the DOUT pin can be viewed on an oscilloscope which is set up to trigger on the falling edge of CS.
A "Quick Look" Circuit for the LTC1289 Users can get a quick look at the function and timing of the LTC1289 by using the following simple circuit. REF + and DIN are tied to VCC selecting a 3V input span, CH7 as a single-ended input, unipolar mode, MSB-first format and 16-bit word length. ACLK is driven by an external clock and
A "Quick Look" Circuit for the LTC1289
3.0V 22F f A1 CLR1 CHO CH1 CH2 CH3 CH4 CH5 CH6 VIN CH7 COM DGND LTC1289 VCC ACLK SCLK DIN DOUT CS REF + REF - V- AGND CLOCK IN 2MHz MAX f/128
LTC1289 TA02
VCC A2 CLR2 0.1F
1QA f/2
1QB 74HC393 2QA 1QC 1QD GND 2QB 2QC 2QD
TO OSCILLOSCOPE
Scope Trace of LTC1289 "Quick Look" Circuit Showing A/D Output of 010101010101 (555HEX)
ACLK
SCLK
CS DOUT
DEGLITCHER TIME
{
MSB (B11)
LSB (B0) VERTICAL: 5V/DIV HORIZONTAL: 2s/DIV
FILLS ZEROES
23
LTC1289
TYPICAL APPLICATI
SNEAK-A-BITTM
The LTC1289's unique ability to software select the polarity of the differential inputs and the output word length is used to achieve one more bit of resolution. Using the circuit below with two conversions and some software, a 2's complement 12-bit + sign word is returned to memory inside the MPU. The MC68HC05C4 was chosen as an example, however, any processor that operates at 3.3V could be used.
OTHER CHANNELS OR SNEAK-A-BIT INPUTS
VIN -2.5V TO +2.5V
VIN
1ST CONVERSION (-) CH6 (+) CH7
2ND CONVERSION
LTC1289 TA04
SNEAK-A-BIT is a trademark of Linear Technology Corp.
24
UO
S
Two 12-bit unipolar conversions are performed: the first over a 0V to 2.5V span and the second over a 0V to -2.5V span (by reversing the polarity of the inputs). The sign of the input is determined by which of the two spans contained it. Then the resulting number (ranging from -4095 to +4095 decimal) is converted to 2's complement notation and stored in RAM.
SNEAK-A-BIT Circuit
22F +3.3V 2MHz ACLK
CHO CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND LTC1289
VCC ACLK SCLK DIN DOUT CS REF + REF - V- AGND 0.1F -3.3V 10F
1k MC68HC05C4 SCLK MOSI MISO CO
LTC1289 TA03
LT1019 -2.5
SNEAK-A-BIT
VIN 2.5V (+) CH6 (-) CH7 1ST CONVERSION 4096 STEPS 0V 0V SOFTWARE 0V 8191 STEPS 2.5V
2ND CONVERSION 4096 STEPS -2.5V -2.5V
LTC1289
TYPICAL APPLICATI
SNEAK-A-BIT Code
DOUT from LTC1289 in MC68HC05C4 RAM Sign Location $77B12B11B10B9B8B7B6B5 LSB Location $87B4B3B2B1B0filled with 0s DIN words for LTC1289 MUX Addr. MSBF UNI
(ODD/SIGN)
DIN100111111 DIN201111111 DIN300111111
LTC1289 TA05
SNEAK-A-BIT Code for the LTC1289 Using the MC68HC05C4
MNEMONIC LDA STA LDA STA BSET JSR #$50 $0A #$FF $06 0, $02 READ -/+ DESCRIPTION Configuration data for SPCR Load configuration data into $0A Configuration data for port C DDR Load configuration data into port C DDR Make sure CS is high Dummy read configures LTC1289 for next read Read CH6 with respect to CH7 Read CH7 with respect to CH6 Determines which reading has valid data, converts to 2's complement and stores in RAM Load DIN word for LTC1289 into ACC Read LTC1289 routine Load MSBs from LTC1289 in ACC Store MSBs in $71 Load LSBs from LTC1289 in ACC Store LSBs in $72 Return
JSR READ +/- JSR READ -/+ JSR CHK SIGN
READ - / + : LDA JSR LDA STA LDA STA RTS
#$3F TRANSFER $60 $71 $61 $72
UO
S
SNEAK-A-BIT Code for the LTC1289 Using the MC68HC05C4
MNEMONIC LDA JSR LDA STA LDA STA RTS TRANSFER: BCLR STA LOOP 1: TST BPL LDA STA STA LOOP 2: TST BPL BSET LDA STA RTS CHK SIGN: LDA ORA BEQ CLC ROR ROR LDA STA LDA STA BRA MINUS: CLC ROR ROR COM COM LDA ADD STA CLRA ADC STA STA LDA STA END: RTS READ +/-: #$7F TRANSFER $60 $73 $61 $74 0, $02 $0C $0B LOOP 1 $0C $0C $60 $0B LOOP 2 0, $02 $0C $61 $73 $74 MINUS $73 $74 $73 $77 $74 $87 END $71 $72 $71 $72 $72 #$01 $72 $71 $71 $77 $72 $87 DESCRIPTION Load DIN word for LTC1289 into ACC Read LTC1289 routine Load MSBs from LTC1289 into ACC Store MSBs in $73 Load LSBs from LTC1289 into ACC Store LSBs in $74 Return CS goes low Load DIN into SPI. Start transfer Test status of SPIF Loop to previous instruction if not done Load contents of SPI data reg into ACC Start next cycle Store MSBs in $60 Test status of SPIF Loop to previous instruction if not done CS goes high Load contents of SPI data reg into ACC Store LSBs in $61 Return Load MSBs of +/- read into ACC Or ACC (MSBs) with LSBs of +/- read If result is 0 goto minus Clear carry Rotate right $73 through carry Rotate right $74 through carry Load MSBs of +/- read into ACC Store MSBs in RAM locations $77 Load LSBs of +/- read into ACC Store LSBs in RAM location $87 Goto end of routine Clear carry Shift MSBs of -/+ read right Shift LSBs of -/+ read right 1's complement of MSBs 1's complement of LSBs Load LSBs into ACC Add 1 to LSBs Store ACC in $72 Clear ACC Add with carry to MSBs. Result in ACC Store ACC in $71 Store MSBs in RAM locations $77 Load LSBs in ACC Store LSBs in RAM location $87 Return
Word Length
25
LTC1289
TYPICAL APPLICATI
Power Shutdown For battery-powered applications it is desirable to keep power dissipation at a minimum. The LTC1289 can be powered down when not in use reducing the supply current from a nominal value of 1mA to typically 1A (with ACLK turned off). See the Curve for Supply Current (Power Shutdown) vs ACLK if ACLK cannot be turned off when the LTC1289 is powered down. In this case the supply current is proportional to the ACLK frequency and is independent of temperature until it reaches the magnitude of the supply current attained with ACLK turned off. As an example of how to use this feature let's add this to the previous application, SNEAK-A-BIT. After the CHK SIGN subroutine call insert the following: * * Determines which reading has valid data, converts to 2's complement and stores in RAM LTC1289 power shutdown routine
JSR CHK SIGN
JSR SHUTDOWN
The actual subroutine is: SHUTDOWN: LDA #$3D Load DIN word for LTC1289 into ACC JSR TRANSFER Read LTC1289 routine RTS Return
CS 1 SCLK POWER SHUTDOWN STARTS DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS 10
CS POWER UP 1 SCLK POWER SHUTDOWN STARTS DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS 10
26
UO
S
To place the device in power shutdown the word length bits are set to WL1 = 0 and WL0 = 1. The LTC1289 is powered up on the next request for conversion and it's ready to digitize an input signal immediately. Power Shutdown Timing Considerations After power shutdown has been requested, the LTC1289 is powered up on the next request for a conversion. This request can be initiated either by bringing CS low or by starting the next cycle of SCLKs if CS is kept low (see Figures 3 and 4). When the SCLK frequency is much slower than the ACLK frequency a situation can arise where the LTC1289 could power down and then prematurely power back up. Power shutdown begins at the negative going edge of the 10th SCLK once it has been requested. A dummy conversion is executed and the LTC1289 waits for the next request for conversion. If the SCLKs have not finished once the LTC1289 has finished its dummy conversion, it will recognize the next remaining SCLKs as a request to start a conversion and power up the LTC1289 (see Figure 23). To prevent this, bring either CS high at the 19th SCLK (Figure 24) or clock out only 10 SCLKs (Figure 25) when power shutdown is requested.
POWER UP
LTC1289 TAF23
Figure 23. Power Shutdown Timing Problem
LTC1289 TAF24
Figure 24. Power Shutdown Timing
LTC1289
TYPICAL APPLICATI
CS
1 SCLK
PACKAGE DESCRIPTIO
0.290 - 0.320 (7.366 - 8.128)
0.160 (4.064) MAX 0.015 - 0.060 (0.381 - 1.524)
0.008 - 0.018 (0.203 - 0.457)
0 - 15 0.125 (3.175) MIN
0.385 0.025 (9.779 0.635)
0.080 (2.032) MAX
0.300 - 0.325 (7.620 - 8.255)
0.130 0.005 (3.302 0.127)
0.009 - 0.015 (0.229 - 0.381)
0.015 (0.381) MIN
(
+0.025 0.325 -0.015 +0.635 8.255 -0.381
)
0.125 (3.175) MIN
0.065 0.015 (1.651 0.381) 0.100 0.010 (2.540 0.254)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of circuits as described herein will not infringe on existing patent rights.
U
UO
S
POWER UP 10
POWER SHUTDOWN STARTS DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS
LTC1289 TAF2
Figure 25. Power Shutdown Timing
Dimensions in inches (millimeters) unless otherwise noted. J Package 20-Lead Ceramic DIP
0.200 (5.080) MAX 20 19 18 17 1.060 (26.924) MAX 16 15 14 13 12 11
0.220 - 0.310 0.025 (5.588 - 7.874) (0.635) RAD TYP 1 0.038 - 0.068 (0.965 - 1.727) 0.014 - 0.026 (0.356 - 0.660) 0.100 0.010 (2.540 0.254) 2 0.005 (0.127) MIN
J20 0392
3
4
5
6
7
8
9
10
TJMAX 150C
JA 80C/W
N Package 20-Lead Plastic DIP
0.045 - 0.065 (1.143 - 1.651) 1.040 (26.416) MAX 20 19 18 17 16 15 14 13 12 11
0.065 (1.651)
0.260 0.010 (6.604 0.254)
1 0.018 0.003 (0.457 0.076)
2
3
4
5
6
7
8
9
10
N20 0392
TJMAX 110C
JA 100C/W
27
LTC1289
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted. S Package 20-Lead Plastic SOL
0.291 - 0.299 (7.391 - 7.595) 0.005 (0.127) RAD MIN 0.010 - 0.029 x 45 (0.254 - 0.737) 0.093 - 0.104 (2.362 - 2.642) 0.037 - 0.045 (0.940 - 1.143) 20 19 18 0.496 - 0.512 (12.598 - 13.005) 17 16 15 14 13 12 11
0 - 8 TYP 0.050 (1.270) TYP 0.014 - 0.019 (0.356 - 0.482) TYP
0.009 - 0.013 (0.229 - 0.330)
SEE NOTE 0.016 - 0.050 (0.406 - 1.270)
0.004 - 0.012 (0.102 - 0.305)
SEE NOTE
0.394 - 0.419 (10.007 - 10.643)
NOTE: PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS. THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
1
2
3
4
5
6
7
8
9
10
SOL20 0392
TJMAX 110C
JA 150C/W
28
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0392 10K REV 0
(c) LINEAR TECHNOLOGY CORPORATION 1992


▲Up To Search▲   

 
Price & Availability of LTC1289

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X